Part Number Hot Search : 
PEMH1 1221C AD233AN BZX84C20 BU4229G 1SM5936B 1221C M54HC221
Product Description
Full Text Search
 

To Download ADG3245BCP-U1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch ADG3245
FEATURES 225 ps Propagation Delay through the Switch 4.5 Switch Connection between Ports Data Rate 1.244 Gbps 2.5 V/3.3 V Supply Operation Selectable Level Shifting/Translation Level Translation 3.3 V to 2.5 V 3.3 V to 1.8 V 2.5 V to 1.8 V Small Signal Bandwidth 610 MHz 20-Lead TSSOP and LFCSP Packages APPLICATIONS 3.3 V to 1.8 V Voltage Translation 3.3 V to 2.5 V Voltage Translation 2.5 V to 1.8 V Voltage Translation Bus Switching Bus Isolation Hot Swap Hot Plug Analog Switch Applications GENERAL DESCRIPTION FUNCTIONAL BLOCK DIAGRAM
A0 B0
A7
B7
BE
PRODUCT HIGHLIGHTS
The ADG3245 is a 2.5 V or 3.3 V, 8-bit, 2-port digital switch. It is designed on Analog Devices' low voltage CMOS process, which provides low power dissipation yet gives high switching speed and very low on resistance, allowing inputs to be connected to outputs without additional propagation delay or generating additional ground bounce noise. The switches are enabled by means of the bus enable (BE) input signal. These digital switches allow bidirectional signals to be switched when ON. In the OFF condition, signal levels up to the supplies are blocked. This device is ideal for applications requiring level translation. When operated from a 3.3 V supply, level translation from 3.3 V inputs to 2.5 V outputs is allowed. Similarly, if the device is operated from a 2.5 V supply and 2.5 V inputs are applied, the device will translate the outputs to 1.8 V. In addition to this, a level translating select pin (SEL) is included. When SEL is low, VCC is reduced internally, allowing for level translation between 3.3 V inputs and 1.8 V outputs. This makes the device suited to applications requiring level translation between different supplies, such as converter to DSP/microcontroller interfacing.
1. 2. 3. 4. 5.
3.3 V or 2.5 V supply operation Extremely low propagation delay through switch 4.5 W switches connect inputs to outputs Level/voltage translation 20-lead TSSOP and LFCSP (4 mm 4 mm) packages
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003 Analog Devices, Inc. All rights reserved.
ADG3245-SPECIFICATIONS1
Parameter Symbol DC ELECTRICAL CHARACTERISTICS Input High Voltage VINH VINH Input Low Voltage VINL VINL Input Leakage Current II OFF State Leakage Current IOZ ON State Leakage Current Maximum Pass Voltage VP
(VCC = 2.3 V to 3.6 V, GND = 0 V, all specifications TMIN to TMAX, unless otherwise noted.)
B Version Typ2 Max
Conditions VCC = 2.7 V to 3.6 V VCC = 2.3 V to 2.7 V VCC = 2.7 V to 3.6 V VCC = 2.3 V to 2.7 V 0 A, B VCC 0 A, B VCC VA/VB = VCC = SEL = 3.3 V, IO = -5 mA VA/VB = VCC = SEL = 2.5 V, IO= -5 mA VA/VB = VCC = 3.3 V, SEL = 0 V, IO= -5 mA f = 1 MHz f = 1 MHz f = 1 MHz f = 1 MHz CL = 50 pF, VCC = SEL = 3 V VCC = 3.0 V to 3.6 V; SEL = VCC VCC = 3.0 V to 3.6 V; SEL = VCC VCC = 3.0 V to 3.6 V; SEL = 0 V VCC = 3.0 V to 3.6 V; SEL = 0 V VCC = 2.3 V to 2.7 V; SEL = VCC VCC = 2.3 V to 2.7 V; SEL = VCC VCC = SEL = 3.3 V; VA/VB = 2 V VCC = SEL = 3.3 V; VA/VB = 2 V
Min 2.0 1.7
Unit V V V V mA mA mA V V V pF pF pF pF
2.0 1.5 1.5
0.01 0.01 0.01 2.5 1.8 1.8 5 5 10 6
0.8 0.7 1 1 1 2.9 2.1 2.1
CAPACITANCE3 A Port Off Capacitance B Port Off Capacitance A, B Port On Capacitance Control Input Capacitance SWITCHING CHARACTERISTICS3 Propagation Delay A to B or B to A, tPD4 Propagation Delay Matching5 Bus Enable Time BE to A or B6 Bus Disable Time BE to A or B6 Bus Enable Time BE to A or B6 Bus Disable Time BE to A or B6 Bus Enable Time BE to A or B6 Bus Disable Time BE to A or B6 Maximum Data Rate Channel Jitter Operating Frequency--Bus Enable DIGITAL SWITCH On Resistance
CA OFF CB OFF CA, CB ON CIN tPHL, tPLH tPZH, tPZL tPHZ, tPLZ tPZH, tPZL tPHZ, tPLZ tPZH, tPZL tPHZ, tPLZ
1 1 0.5 0.5 0.5 0.5
3.2 3.2 2.2 1.7 2.2 1.75 1.244 50
0.225 22.5 4.8 4.8 3.3 2.9 3 2.6
fBE RON VCC = 3 V, SEL = VCC, VA = 0 V, IBA = 8 mA VCC = 3 V, SEL = VCC, VA = 1.7 V, IBA = 8 mA VCC = 2.3 V, SEL = VCC, VA = 0 V, IBA = 8 mA VCC = 2.3 V, SEL = VCC, VA = 1 V, IBA = 8 mA VCC = 3 V, SEL = 0 V VA = 0 V, IBA = 8 mA VCC = 3 V, SEL = 0 V, VA = 1 V, IBA = 8 mA VCC = 3 V, SEL = VCC, VA = 0 V, IBA = 8 mA VCC = 3 V, SEL = VCC, VA = 1 V, IBA = 8 mA 2.3 ICC ICC Digital Inputs = 0 V or VCC; SEL = VCC Digital Inputs = 0 V or VCC ; SEL = 0 V VCC = 3.6 V, BE = 3.0 V; SEL = VCC 0.001 0.65 4.5 15 5 11 5 14 0.45 0.65
10 8 28 9 18 8
ns ps ns ns ns ns ns ns Gbps ps p-p MHz W W W W W W W W V mA mA mA
On Resistance Matching POWER REQUIREMENTS VCC Quiescent Power Supply Current Increase in ICC per Input7
RON
3.6 1 1.2 130
NOTES 1 Temperature range is as follows: B Version: -40C to +85C. 2 Typical values are at 25C, unless otherwise stated. 3 Guaranteed by design, not subject to production test. 4 The digital switch contributes no propagation delay other than the RC delay of the typical R ON of the switch and the load capacitance when driven by an ideal voltage source. Since the time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the digital switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. 5 Propagation delay matching between channels is calculated from the on resistance matching and load capacitance of 50 pF. 6 See Timing Measurement Information section. 7 This current applies to the control pin BE only. The A and B ports contribute no significant ac or dc currents as they transition. Specifications subject to change without notice.
-2-
REV. 0
ADG3245
ABSOLUTE MAXIMUM RATINGS*
(TA = 25C, unless otherwise noted.)
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to +4.6 V Digital Inputs to GND . . . . . . . . . . . . . . . . . -0.5 V to +4.6 V DC Input Voltage . . . . . . . . . . . . . . . . . . . . . -0.5 V to +4.6 V DC Output Current . . . . . . . . . . . . . . . . . . 25 mA per channel Operating Temperature Range Industrial (B Version) . . . . . . . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150C
LFCSP Package JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . .30.4C/W TSSOP Package JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 143C/W Lead Temperature, Soldering (10 seconds) . . . . . . . . . . 300C IR Reflow, Peak Temperature (<20 seconds) . . . . . . . . 235C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time.
ORDERING GUIDE
Model ADG3245BCP ADG3245BCP-REEL7 ADG3245BRU ADG3245BRU-REEL7
Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C
Package Description Lead Frame Chip Scale Package (LFCSP) Lead Frame Chip Scale Package (LFCSP) Thin Shrink Small Outline Package (TSSOP) Thin Shrink Small Outline Package (TSSOP)
Package Option CP-20 CP-20 RU-20 RU-20
Table I. Pin Description
Table II. Truth Table
Mnemonic BE SEL Ax Bx
Description Bus Enable (Active Low) Level Translation Select Port A, Inputs or Outputs Port B, Inputs or Outputs
BE L L H
SEL* L H X
Function A = B, 3.3 V to 1.8 V Level Shifting A = B, 3.3 V to 2.5 V/2.5 V to 1.8 V Level Shifting Disconnect
*SEL = 0 V only when V DD = 3.3 V 10%
PIN CONFIGURATION 20-Lead LFCSP and TSSOP
20 A3 19 A2 18 A1 17 A0 16 V CC
SEL 1 A0 2
15 BE 14 B0 13 B1 12 B2 11 B3
20 19 18 17
VCC BE B0 B1 B2
SEL 1 A4 2 A5 3 A6 4 A7 5
PIN 1 INDICATOR
A1 3 A2 4 A3 5 A4 6
ADG3245
TOP VIEW
ADG3245
16
GND 6 B7 7 B6 8 B5 9 B4 10
TOP VIEW 15 B3 (Not to Scale) 14 B4 A5 7 A6 8 A7 9 GND 10
13 12 11
B5 B6 B7
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADG3245 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
REV. 0
-3-
ADG3245
TERMINOLOGY
VCC GND VINH VINL II IOZ IOL VP RON RON CX OFF CX ON CIN ICC ICC tPLH, tPHL tPZH, tPZL tPHZ, tPLZ
Max Data Rate Channel Jitter fBE
Positive Power Supply Voltage. Ground (0 V) Reference. Minimum Input Voltage for Logic 1. Maximum Input Voltage for Logic 0. Input Leakage Current at the Control Inputs. OFF State Leakage Current. It is the maximum leakage current at the switch pin in the OFF state. ON State Leakage Current. It is the maximum leakage current at the switch pin in the ON state. Maximum Pass Voltage. The maximum pass voltage relates to the clamped output voltage of an NMOS device when the switch input voltage is equal to the supply voltage. Ohmic Resistance Offered by a Switch in the ON State. It is measured at a given voltage by forcing a specified amount of current through the switch. On Resistance Match between Any Two Channels, i.e., RON Max - RON Min. OFF Switch Capacitance. ON Switch Capacitance. Control Input Capacitance. This consists of BE and SEL. Quiescent Power Supply Current. This current represents the leakage current between the VCC and ground pins. It is measured when all control inputs are at a logic HIGH or LOW level and the switches are OFF. Extra power supply current component for the BE control input when the input is not driven at the supplies. Data Propagation Delay through the Switch in the ON State. Propagation delay is related to the RC time constant RON CL, where CL is the load capacitance. Bus Enable Times. These are the times taken to cross the VT voltage at the switch output when the switch turns on in response to the control signal, BE. Bus Disable Times. This is the time taken to place the switch in the high impedance OFF state in response to the control signal. It is measured as the time taken for the output voltage to change by V from the original quiescent level, with reference to the logic level transition at the control input. (Refer to Figure 3 for enable and disable times.) Maximum Rate at which Data Can Be Passed through the Switch. Peak-to-Peak Value of the Sum of the Deterministic and Random Jitter of the Switch Channel. Operating Frequency of Bus Enable. This is the maximum frequency at which bus enable (BE) can be toggled.
-4-
REV. 0
Typical Performance Characteristics-ADG3245
40 35 30 25 TA = 25 C SEL = VCC VCC = 3V 40 35 30 25 TA = 25 C SEL = VCC VCC = 2.3V 40 35 30 25 VCC = 2.5V 20 15 VCC = 2.7V 10 5 0 VCC = 3.6V 10 5 0 0.5 1.0 2.0 1.5 VA/VB - V 2.5 3.0 3.5 0 0 0.5 1.0 2.0 1.5 VA/VB - V 2.5 3.0 10 5 0 TA = 25 C SEL = 0V VCC = 3V
RON -
RON -
VCC = 3.3V 20 15
RON -
VCC = 3.3V 20 15
VCC = 3.6V
0
0.5
1.0
1.5 2.0 VA/VB - V
2.5
3.0
3.5
TPC 1. On Resistance vs. Input Voltage
TPC 2. On Resistance vs. Input Voltage
TPC 3. On Resistance vs. Input Voltage
20 VCC = 3.3V SEL = VCC 15
15 VCC = 2.5V SEL = VCC
3.0 2.5 TA = 25 C SEL = VCC IO = -5 A
VCC = 3.6V
RON -
85 C
VOUT - V
10
2.0 1.5
VCC = 3.3V VCC = 3V
RON -
10 85 C
5
5
1.0 40 C 25 C
25 C 40 C
0.5
0
0
0.5
1.0 VA/VB - V
1.5
2.0
0
0 0 0.5 VA/VB - V 1.0 1.2
0
0.5
1.0
2.0 1.5 VCC - V
2.5
3.0
3.5
TPC 4. On Resistance vs. Input Voltage for Different Temperatures
TPC 5. On Resistance vs. Input Voltage for Different Temperatures
TPC 6. Pass Voltage vs. VCC
2.5 TA = 25 C SEL = VCC IO = -5 A VCC = 2.7V
2.5 TA = 25 C SEL = 0V IO = -5 A VCC = 3.6V
1800 1600 1400 1200 VCC = 3.3V, SEL = 0V TA = 25 C
2.0
2.0
VOUT - V
VCC = 2.5V VCC = 2.3V
VCC = 3.3V 1.0 VCC = 3V
ICC - A
1.5
VOUT - V
1.5
1000 800 600
1.0
0.5
0.5
400 200
VCC = SEL = 3.3V VCC = SEL = 2.5V 0 2 4 6 8 10 12 14 16 18 20 ENABLE FREQUENCY - MHz
0
0
0.5
1.0
1.5 2.0 VCC - V
2.5
3.0
0
0
0.5
1.0
1.5 2.0 VCC - V
2.5
3.0
3.5
0
TPC 7. Pass Voltage vs. VCC
TPC 8. Pass Voltage vs. VCC
TPC 9. ICC vs. Enable Frequency
REV. 0
-5-
ADG3245
3.0 2.5 TA = 25 C VA = 0V BE = 0 VCC = 3.3V; SEL = 0V
VOUT - V
3.0 2.5 TA = 25 C VA = VCC BE = 0 VCC = SEL = 3.3V
QINJ - pC
0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6
TA = 25 C SEL = VCC ON OFF CL = InF VCC = 2.5V
2.0
VOUT - V
2.0
1.5
VCC = SEL = 3.3V
1.5
1.0
1.0 V = SEL = 2.5V CC 0.5 VCC = SEL = 2.5V 0 0.02 0.04 0.06 IO - A 0.08 0.10 VCC = 3.3V; SEL = 0V 0 -0.10 -0.08 -0.06 -0.04 IO - A -0.02 0
0.5 0
VCC = 3.3V
-1.8 -2.0 0 0.5 1.0 1.5 2.0 VA/VB - V 2.5 3.0
TPC 10. Output Low Characteristic
TPC 11. Output High Characteristic
TPC 12. Charge Injection vs. Source Voltage
0 -2 TA = 25 C VCC = 3.3V/2.5V SEL = V CC VIN = 0dBm N/W ANALYZER: RL = RS = 50
-20 -30 ATTENUATION - dB -40 -50 -60 -70 -80 -90 -100 0.03 0.1 1 10 100 FREQUENCY - MHz 1000 0.03 0.1 1 10 100 FREQUENCY - MHz 1000 TA = 25 C VCC = 3.3V/2.5V SEL = V CC ADJACENT CHANNELS VIN = 0dBm N/W ANALYZER: RL = RS = 50
-20 -30
ATTENUATION - dB
ATTENUATION - dB
-40 -50 -60 -70 -80 -90
-4 -6 -8
TA = 25 C VCC = 3.3V/2.5V SEL = V CC VIN = 0dBm N/W ANALYZER: RL = RS = 50
-10 -12 -14
-100
0.03
0.1
1 10 100 FREQUENCY - MHz
1000
TPC 13. Bandwidth vs. Frequency
TPC 14. Crosstalk vs. Frequency
TPC 15. Off Isolation vs. Frequency
3.5 ENABLE 3.0 DISABLE 2.5 TIME - ns ENABLE TIME - ns 2.0 DISABLE 1.5 1.0 VCC = 3.3V, SEL = 0V VCC = SEL = 3.3V
2.5
100 90 VCC = SEL = 3.3V VIN = 2V p-p 20dB ATTENUATION
2.0
ENABLE VCC = SEL = 2.5V
JITTER - ps
80 70 60 50 40 30
DISABLE 1.5
1.0
0.5
0.5 0 -40
20 10
-20
0 20 40 60 TEMPERATURE - C
80
100
0 -40
-20
0 20 40 60 TEMPERATURE - C
80
100
0 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 DATA RATE - Gbps
TPC 16. Enable/Disable Time vs. Temperature
TPC 17. Enable/Disable Time vs. Temperature
TPC 18. Jitter vs. Data Rate; PRBS 31
-6-
REV. 0
ADG3245
100 95 90 EYE WIDTH - % 85 80 75 70 65 60 55 % EYE WIDTH = ((CLOCK PERIOD - JITTER p-p)/CLOCK PERIOD) 100%
35mV/DIV 100ps/DIV VCC = 3.3V SEL = 3.3V VIN = 2V p-p 20dB ATTENUATION TA = 25 C 37mV/DIV 200ps/DIV VCC = 2.5V SEL = 2.5V VIN = 2V p-p 20dB ATTENUATION TA = 25 C
VCC = SEL = 3.3V VIN = 2V p-p 20dB ATTENUATION
50 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 DATA RATE - Gbps
TPC 19. Eye Width vs. Data Rate; PRBS 31
TPC 20. Eye Pattern; 1.244 Gbps, VCC = 3.3 V, PRBS 31
TPC 21. Eye Pattern; 1 Gbps, VCC = 2.5 V, PRBS 31
50.1mV/DIV 50ps/DIV TA = 25 C
20dB ATTENUATION VCC = 3.3V SEL = 3.3V VIN = 2V p-p
TPC 22. Jitter @ 1.244 Gbps, PRBS 31
REV. 0
-7-
ADG3245
TIMING MEASUREMENT INFORMATION
For the following load circuit and waveforms, the notation that is used is VIN and VOUT where
VIN = VA and VOUT = VB or VIN = VB and VOUT = VA
VCC SW1
2
VCC
VIH CONTROL INPUT BE VT
VIN PULSE GENERATOR RT D.U.T.
VOUT
RL
GND
tPLH
VOUT
tPLH
0V VH VT VL
CL
RL
Figure 2. Propagation Delay
NOTES PULSE GENERATOR FOR ALL PULSES: tR 2.5ns, tF 2.5ns, FREQUENCY 10MHz. . CL INCLUDES BOARD, STRAY, AND LOAD CAPACITANCES RT IS THE TERMINATION RESISTOR, SHOULD BE EQUAL TO ZOUT OF THE PULSE GENERATOR.
Figure 1. Load Circuit
Test Conditions
Symbol RL V CL VT
VCC = 3.3 V 0.3 V (SEL = VCC) 500 300 50 1.5
VCC = 2.5 V 0.2 V (SEL = VCC) 500 150 30 0.9
VCC = 3.3 V 0.3 V (SEL = 0 V) 500 150 30 0.9
Unit W mV pF V
ENABLE CONTROL INPUT BE
DISABLE VINH VT 0V
Table III. Switch Position
tPZL
VOUT SW1 @ 2VCC VCC VT
tPLZ
TEST
VCC VL + V VL
S1 2 VCC GND
VIN = 0V
tPLZ, tPZL tPHZ, tPZH
tPZH
VIN = VCC VOUT SW1 @ GND VT 0V
tPHZ
VH VH - V 0V
Figure 3. Enable and Disable Times
-8-
REV. 0
ADG3245
BUS SWITCH APPLICATIONS Mixed Voltage Operation, Level Translation 2.5 V to 1.8 V Translation
Bus switches can be used to provide an ideal solution for interfacing between mixed voltage systems. The ADG3245 is suitable for applications where voltage translation from 3.3 V technology to a lower voltage technology is needed. This device can translate from 3.3 V to 1.8 V, from 2.5 V to 1.8 V, or bidirectionally from 3.3 V directly to 2.5 V. Figure 4 shows a block diagram of a typical application in which a user needs to interface between a 3.3 V ADC and a 2.5 V microprocessor. The microprocessor may not have 3.3 V tolerant inputs, therefore placing the ADG3245 between the two devices allows the devices to communicate easily. The bus switch directly connects the two blocks, thus introducing minimal propagation delay, timing skew, or noise.
3.3V 3.3V 2.5V
When VCC is 2.5 V (SEL = 2.5 V) and the input signal range is 0 V to VCC, the maximum output signal will, as before, be clamped to within a voltage threshold below the VCC supply.
2.5V
2.5V
ADG3245
1.8V
Figure 7. 2.5 V to 1.8 V Voltage Translation, SEL = 2.5 VCC
In this case, the output will be limited to approximately 1.8 V, as shown in Figure 7.
VOUT 2.5V SUPPLY SEL = 2.5V
ADG3245
3.3V ADC
2.5V MICROPROCESSOR
1.8V
Figure 4. Level Translation between a 3.3 V ADC and a 2.5 V Microprocessor
3.3 V to 2.5 V Translation
SWITCH OUTPUT
When VCC is 3.3 V (SEL = 3.3 V) and the input signal range is 0 V to VCC, the maximum output signal will be clamped to within a voltage threshold below the VCC supply.
3.3V
0V
SWITCH INPUT
VIN 2.5V
Figure 8. 2.5 V to 1.8 V Voltage Translation, SEL = VCC
3.3 V to 1.8 V Translation
The ADG3245 offers the option of interfacing between a 3.3 V device and a 1.8 V device. This is possible through use of the SEL pin.
2.5V
3.3V
ADG3245
2.5V 2.5V
SEL pin: An active low control pin. SEL activates internal circuitry in the ADG3245 that allows voltage translation between 3.3 V devices and 1.8 V devices.
3.3V
Figure 5. 3.3 V to 2.5 V Voltage Translation, SEL = VCC
In this case, the output will be limited to 2.5 V, as shown in Figure 6.
VOUT 2.5V
SWITCH OUTPUT
3.3V
ADG3245
1.8V
3.3V SUPPLY SEL = 3.3V
Figure 9. 3.3 V to 1.8 V Voltage Translation, SEL = 0 V
0V
SWITCH INPUT
VIN 3.3V
When VCC is 3.3 V and the input signal range is 0 V to VCC, the maximum output signal will be clamped to 1.8 V, as shown in Figure 9. To do this, the SEL pin must be tied to Logic 0. If SEL is unused, it should be tied directly to VCC.
Figure 6. 3.3 V to 2.5 V Voltage Translation, SEL = VCC
This device can be used for translation from 2.5 V to 3.3 V devices and also between two 3.3 V devices.
REV. 0
-9-
ADG3245
ADG3245 ADG3245
VOUT 1.8V
CPU
SWITCH OUTPUT
3.3V SUPPLY SEL = 0V
PLUG-IN CARD (1)
CARD I/O
RAM
PLUG-IN CARD (2)
CARD I/O
0V
SWITCH INPUT
VIN 3.3V
Figure 10. 3.3 V to 1.8 V Voltage Translation, SEL = 0 V
Bus Isolation
A common requirement of bus architectures is low capacitance loading of the bus. Such systems require bus bridge devices that extend the number of loads on the bus without exceeding the specifications. Because the ADG3245 is designed specifically for applications that do not need drive yet require simple logic functions, it solves this requirement. The device isolates access to the bus, thus minimizing capacitance loading.
LOAD A LOAD C
Figure 12. ADG3245 in a Hot Plug Application
There are many systems that require the ability to handle hot swapping, such as docking stations, PCI boards for servers, and line cards for telecommunications switches. If the bus can be isolated prior to insertion or removal, then there is more control over the hot swap event. This isolation can be achieved using a bus switch. The bus switches are positioned on the hot swap card between the connector and the devices. During hot swap, the ground pin of the hot swap card must connect to the ground pin of the back plane before any other signal or power pins.
Analog Switching
BUS/ BACKPLANE LOAD B LOAD D
BUS SWITCH LOCATION
Figure 11. Location of Bus Switched in a Bus Isolation Application
Hot Plug and Hot Swap Isolation
Bus switches can be used in many analog switching applications; for example, video graphics. Bus switches can have lower on resistance, smaller ON and OFF channel capacitance and thus improved frequency performance than their analog counterparts. The bus switch channel itself consisting solely of an NMOS switch limits the operating voltage (see TPC 1 for a typical plot), but in many cases, this does not present an issue.
High Impedance During Power-Up/Power-Down
The ADG3245 is suitable for hot swap and hot plug applications. The output signal of the ADG3245 is limited to a voltage that is below the VCC supply, as shown in Figures 6, 8, and 10. Therefore the switch acts like a buffer to take the impact from hot insertion, protecting vital and expensive chipsets from damage. In hot-plug applications, the system cannot be shutdown when new hardware is being added. To overcome this, a bus switch can be positioned on the backplane between the bus devices and the hot plug connectors. The bus switch is turned off during hot plug. Figure 12 shows a typical example of this type of application.
To ensure the high impedance state during power-up or powerdown, BE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by the currentsinking capability of the driver.
PACKAGE AND PINOUT
The ADG3245 is packaged in both a small 20-lead TSSOP or a tiny 20-lead LFCSP package. The area of the TSSOP option is 37.5 mm2, while the area of the LFCSP option is 16 mm2. This leads to a 57% savings in board space when using the LFCSP package compared with the TSSOP package. This makes the LFCSP option an excellent choice for space-constrained applications. The ADG3245 in the TSSOP package offers a flowthrough pinout. The term flowthrough signifies that all the inputs are on opposite sides from the outputs. A flowthrough pinout simplifies the PCB layout.
-10-
REV. 0
ADG3245
OUTLINE DIMENSIONS 20-Lead Lead Frame Chip Scale Package [LFCSP] 4 mm 4 mm Body (CP-20)
Dimensions shown in millimeters
4.0 BSC SQ 0.60 MAX PIN 1 INDICATOR
TOP VIEW
0.60 MAX
16 15
20 1
3.75 BSC SQ 0.75 0.55 0.35
11 10
BOTTOM VIEW
6 5
2.25 2.10 SQ 1.95
12 MAX 1.00 0.90 0.80 SEATING PLANE 0.50 BSC
0.80 MAX 0.65 NOM 0.05 0.02 0.00
0.30 0.23 0.18 COPLANARITY 0.08
0.20 REF
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-1
20-Lead Thin Shrink Small Outline Package [TSSOP] (RU-20)
Dimensions shown in millimeters
6.60 6.50 6.40
20
11
4.50 4.40 4.30
1 10
6.40 BSC
PIN 1 0.65 BSC 0.15 0.05 0.30 COPLANARITY 0.19 0.10 1.20 MAX 0.20 0.09 SEATING PLANE 8 0 0.75 0.60 0.45
COMPLIANT TO JEDEC STANDARDS MO-153AC
REV. 0
-11-
-12-
C03011-0-5/03(0)


▲Up To Search▲   

 
Price & Availability of ADG3245BCP-U1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X